Part Number Hot Search : 
D1215 1N5229 OP18R 47110 JMB352U BTS612N1 FQA65N20 BCW89
Product Description
Full Text Search
 

To Download 2SC5802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-3P(H)IS package High voltage;high speed Wide area of safe operation APPLICATIONS For high voltage color display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SC5802
Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 1500 800 6 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current Collector current-Peak Total power dissipation Junction temperature Storage temperature TC=25ae 10 30 60 150 -55~150
UNIT V V V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5802
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
VCEsat
Collector-emitter saturation voltage
IC=6A; IB=1.5A
3.0
V
VBEsat
Base-emitter saturation voltage
IC=6A; IB=1.5A
1.5
V
ICES
Collector cut-off current
VCE=1400V; VBE=0
1.0
mA
ICBO
Collector cut-off current
VCB=800V; IE=0
10
|I
A
IEBO
Emitter cut-off current
VEB=4V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
15
48
hFE-2
tf
NDU ICO E SEM ANG INCH
DC current gain IC=6A ; VCE=5V 7 Fall time VCC=200V; IC=6A;IB1=1.2A IB2=-2.4A;RL =33.3|
TOR
0.1
10
0.3
|I
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5802
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.20 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC5802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X